|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Advanced Technical Data DSSK 80-006B IFAV = 2x40 A VRRM = 60 V VF = 0.51 V Power Schottky Rectifier with common cathode VRSM V 60 VRRM V 60 Type A C A TO-247 AD DSSK 80-006B A C A C (TAB) A = Anode, C = Cathode , TAB = Cathode Symbol IFRMS IFAV IFAV IFSM EAS IAR (dv/dt)cr TVJ TVJM Tstg Ptot Md Weight Conditions TC = 120C; rectangular, d = 0.5 TC = 120C; rectangular, d = 0.5; per device TVJ = 45C; tp = 10 ms (50 Hz), sine IAS = tbd A; L = 180 H; TVJ = 25C; non repetitive VA = 1.5 * VRRM typ.; f = 10 kHz; repetitive Maximum Ratings 70 40 80 600 tbd tbd tbd -55...+150 150 -55...+150 A A A A mJ A V/s C C C W Nm g Features * International standard package * Very low VF * Extremely low switching losses * Low IRM-values * Epoxy meets UL 94V-0 Applications * Rectifiers in switch mode power supplies (SMPS) * Free wheeling diode in low voltage converters TC = 25C mounting torque typical 155 0.8...1.2 6 Advantages * High reliability circuit operation * Low voltage peaks for reduced protection circuits * Low noise switching * Low losses Dimensions see Outlines.pdf Symbol IR VF Conditions TVJ = 25C VR = VRRM TVJ = 100C VR = VRRM IF = 40 A; IF = 40 A; IF = 80 A; TVJ = 125C TVJ = 25C TVJ = 125C 0.25 Characteristic Values typ. max. 40 200 0.51 0.55 0.74 0.8 mA mA V V V K/W K/W RthJC RthCH Pulse test: Pulse Width = 5 ms, Duty Cycle < 2.0 % Data according to IEC 60747 and per diode unless otherwise specified IXYS reserves the right to change limits, Conditions and dimensions. 232 (c) 2002 IXYS All rights reserved 1-1 |
Price & Availability of DSSK80-006B |